Part Number Hot Search : 
SP750 N5929BRL A2068 MOC3009X 854674 P55NF0 A4016U4 PU61C56
Product Description
Full Text Search
 

To Download BFT92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFT92
PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents up to 20 mA Complementary type: BFR 92P (NPN)
3
Junction temperature Ambient temperature Storage temperature Thermal Resistance
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R thJA please refer to Application Note Thermal Resistance
1
Junction - soldering point 2)

2 1
VPS05161
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Marking Pin Configuration Package
BFT92
Maximum Ratings Parameter
W1s
1=B
2=E
3=C
SOT23
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
Value
Unit
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation TS
15 20 20 2 25 3 200 150 -65 ... 150 -65 ... 150
V
mA mW C
78 C 1)
RthJS
360
K/W
Jul-16-2001
BFT92
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 2 V, IC = 0 DC current gain IC = 15 mA, VCE = 8 V hFE 15 50 IEBO 10 ICBO 100 V(BR)CEO 15 typ. max.
Unit
V nA A -
2
Jul-16-2001
BFT92
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. AC characteristics (verified by random sampling) Transition frequency IC = 15 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 2 mA, VCE = 8 V, ZS = ZSopt , f = 900 MHz f = 1.8 GHz Power gain, maximum available 1) IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt , f = 900 MHz f = 1.8 GHz Transducer gain IC = 15 mA, VCE = 8 V, ZS = ZL = 50 , f = 900 MHz f = 1.8 GHz |S21e|2 11.5 6 Gma 13.5 8 F 2 3.2 Ceb 0.77 Cce 0.25 Ccb 0.54 0.8 fT 3.5 5 typ. max.
Unit
GHz pF
dB
1G 2 1/2 ma = |S21 / S12 | (k-(k -1) )
3
Jul-16-2001
BFT92
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) : Transistor Chip Data
IS = VAF = NE = VAR = NC = RBM = CJE = TF = ITF = VJC = TR = MJS = XTI =
4.5354 10.983 1.1172 47.577 1.206 1.5939 1.7785 32.171 0.013277 1.2 2.0779 0 3
fA V V fF ps mA V ns -
BF = IKF = BR = IKR = RB = RE = VJE = XTF = PTF = MJC = CJS = XTB = FC =
98.533 0.016123 10.297 0.019729 7.9562 1.5119 0.79082 0.30227 0 0.3 0 0 0.75167
A A
NF = ISE = NR = ISC = IRB = RC = MJE = VTF = CJC = XCJC = VJS = EG = TNOM
0.90551 12.196 1.2703 0.024709 0.79584 0.66749 0.32167 0.21451 922.07 0.3 0.75 1.11 300
fA fA mA -
V -
V fF V eV K
deg fF -
Extracted on behalf of Infineon Technologies AG by: Institut fur Mobil-und Satellitentechnik (IMST)
Package Equivalent Circuit:
L BI = L BO = L EI = L EO = L CI = L CO = C BE = C CB = C CE =
0.85 0.51 0.69 0.61 0 0.49 84 165
fF
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet: http://www.infineon.com/silicondiscretes
4
Jul-16-2001
nH fF

BFT92
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax/P totDC = f (tp)
10 3 10 2
K/W
Ptotmax / PtotDC
-
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Jul-16-2001
BFT92
Collector-base capacitance Ccb = f (VCB )
Transition frequency f T = f (I C)
V CE = Parameter
f = 1MHz
1.6
pF
6.0
GHz 10V 8V
5.0 1.2 4.5
Ccb
5V
4.0 1.0
fT
3.5 0.8 3.0 2.5 0.6 2.0 0.4 1.5 1.0 0.2 0.5 0.0 0 4 8 12 16
V
3V 2V
1V 0.7V
22
0.0 0
5
10
15
20
mA
30
VCB
IC
Power Gain Gma , Gms = f(IC )
f = 0.9GHz VCE = Parameter
16
dB
Power Gain Gma, Gms = f(I C)
f = 1.8GHz VCE = Parameter
8.5
10V dB 10V 8V 5V 5V
7.0
3V 2V
12
3V 2V
6.0
G
G
1V
10
5.0 4.0
8
6
0.7V
1V
3.0
4
2.0
0.7V
2
1.0
0 0
5
10
15
20
mA
30
0.0 0
5
10
15
20
mA
30
IC
IC
6
Jul-16-2001
BFT92
Power Gain Gma , Gms = f(VCE):_____
|S21|2 = f(VCE):--------f = Parameter
16
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50) VCE = Parameter, f = 900MHz
28
dBm 8V
IC=15mA
dB 0.9GHz
24 12
0.9GHz
3V 2V
22
G
10
1.8GHz
IP 3
20 18 16
1V
8
1.8GHz
14 12
6
4
10 8
2 6 0 0 2 4 6 8
V
12
4 0
4
8
12
16
20
mA
28
VCE
IC
Power Gain Gma , Gms = f(f)
VCE = Parameter
30
Power Gain |S21|2= f(f)
V CE = Parameter
26
dB
IC=15mA
dB
IC =15mA
22 20 18
20
S21
10V
G
16 14
15
12 10
10
8 6 4
10V
5
2V 1V 0.7
2 0 3.5 -2 0.0 0.5 1.0 1.5
0.7V 2V
0 0.0
0.5
1.0
1.5
2.0
2.5
GHz
2.0
2.5
GHz
3.5
f
f
7
Jul-16-2001


▲Up To Search▲   

 
Price & Availability of BFT92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X